Part Number Hot Search : 
F25L08PA M108I C4297 5KP150 11EWA NTE14 CR10C 16NO7
Product Description
Full Text Search
 

To Download DRS2812 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (888) IPD-CONVerters q (888) 473-2668
q
www.ipdconverters.com
DRS SERIES - 1.25 WATT
DESCRIPTION DRS DC/DC converters offer excellent regulation and isolation in an industry standard package. Available in several input versions, the DRS is ideal for industrial, datacom, or telecom applications. The DRS features short circuit protection and 500 VDC isolation. Please see the DRD series for dual output applications. FEATURES * Industry Standard Package * Industry Standard Pinout * 85C Case Operation * Short Circuit Protection * 5, 12, 24, 28, and 48V Inputs * Input Pi Filter and 6-Sided Shielding * Regulated Output * 500V Isolation
Selection Chart
Model DRS505 DRS512 DRS515 DRS1205 DRS1212 DRS1215 DRS2405 DRS2412 DRS2415 DRS2805 DRS2812 DRS2815 DRS4805 DRS4812 DRS4815 Input Range VDC 4.65 - 5.50 4.65 - 5.50 4.65 - 5.50 10.90 - 13.20 10.90 - 13.20 10.90 - 13.20 21.60 - 26.40 21.60 - 26.40 21.60 - 26.40 25.20 - 30.80 25.20 - 30.80 25.20 - 30.80 43.20 - 52.80 43.20 - 52.80 43.20 - 52.80 Output VDC Output Current 5 12 15 5 12 15 5 12 15 5 12 15 5 12 15 0.250 0.160 0.130 0.250 0.160 0.130 0.250 0.160 0.130 0.250 0.160 0.130 0.250 0.160 0.130
2.00" (50.8mm)
1.00" (25.4mm)
0.40" (10.2mm)
Note: For model options, see the last page of this file.
1
OPTIONS
When ordering equipment options, use the following suffix information. Select the option(s) that you prefer and add them to the model number. Example ordering options are located below the options table.
OPTION Negative Logic Lucent Compatible Trim Terminal Strip Trim Enable Trim and Enable Current Share Headerless SUFFIX N T TS 1 2 3 4 Y APPLICABLE SERIES HAS, HBD, HBS, HES, LES, QBS, QES, TES, TQD HAS, HBD, HBS, HES, QBS, QES XWS, XWD, XWT IAS, LES IAD, IAS, LES, SMS IAS, LES SMS Encapsulated EWS, IWS, OWS REMARKS TTL "Low" Turns Module ON TTL "High" Turns Module OFF
PIN LENGTH AND HEATSINK OPTIONS 0.110" (2.8mm) Pin Length 0.150" (3.8mm) Pin Length 0.24" (6.1mm) Horizontal Heatsink 0.24" (6.1mm) Vertical Heatsink 0.45" (11.4mm) Horizontal Heatsink 0.45" (11.4mm) Vertical Heatsink 0.95" (24.1mm) Horizontal Heatsink 0.95" (24.1mm) Vertical Heatsink 8 9 1H 1V 2H 2V 3H 3V All Units (Except SMS) All Units (Except SMS) All Units (Except DIP, SIP, and SM Packages) All Units (Except DIP, SIP, and SM Packages) All Units (Except DIP, SIP, and SM Packages) All Units (Except DIP, SIP, and SM Packages) All Units (Except DIP, SIP, and SM Packages) All Units (Except DIP, SIP, and SM Packages)
Standard Pin Length is 0.180" (4.6mm)
Includes Thermal Pad Includes Thermal Pad Includes Thermal Pad Includes Thermal Pad Includes Thermal Pad Includes Thermal Pad
Example Options:HBS050ZG-ANT3V = HBS050ZG-A with negative logic, Lucent compatible trim, and 0.95" vertical heatsink. LES015YJ-3N = LES015YJ with optional trim and enable, negative logic. QBS066ZG-AT8 = QBS066ZG-A with Lucent compatible trim and 0.110" pin length.
NUCLEAR AND MEDICAL APPLICATIONS Power-One products are not authorized for use as critical components in life support systems,
equipment used in hazardous environments, or nuclear control systems without the express written consent of the President of Power-One, Inc.
TECHNICAL REVISIONS The appearance of products, including safety agency certifications pictured on labels, may change depending on the
date manufactured. Specifications are subject to change without notice.
2


▲Up To Search▲   

 
Price & Availability of DRS2812

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X